Part Number Hot Search : 
SP600 PEMB9 F75111R 50500 SAM2331 ZHX1223 AAMDB WT2306
Product Description
Full Text Search
 

To Download 1N4002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
1N4001 THRU 1N4007
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES
* * * * Low cost Low leakage Low forward voltage drop High current capability
DO-41
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current @TA = 25 o C at Rated DC Blocking Voltage @TA = 100 oC Maximum Full Load Reverse Current Average, Full Cycle .375*(9.5mm) lead length at T L = 75 oC Typical Junction Capacitance (Note) Typical Thermal Resistance Operating and Storage Temperature Range NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF
1N4001 50 35 50
1N4002 100 70 100
1N4003 200 140 200
1N4004 1N4005 400 280 400 1.0 30 1.1 5.0 500 30 600 420 600
1N4006 800 560 800
1N4007 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts uAmps uAmps pF
0
IR
CJ R JA TJ, TSTG
15 50 -65 to + 175
C/ W 0 C
104
EXIT BACK NEXT EXI BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES (1N4001 THRU 1N4007)
DC COMPONENTS CO., LTD.
R
105
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of 1N4002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X